Part Number Hot Search : 
DTC114Y FDD26AN LBC848 TC1226 123BF IP117 ACTR550 KDZ33V
Product Description
Full Text Search
 

To Download SBTJ7S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon-Based Technology Corp.
Small-Signal Schottky Barrier Diodes
SBT107WS Series
SBT107WS series are Schottky Barrier Diodes fabricated by a series of proprietary Schottky barrier patents and technologies (SBT(R)) developed by Silicon-Based Technology Corporation, which exhibit high-performance characteristics for modern switching, conversion and protection applications with high speed and low power consumptions. The package types as described in this data sheet are set forth in routine production; other packages are available upon special orders.
Features and Advantages:
Low forward voltage drop(VF) Low reverse leakage current (IR) Very small conduction power loss Very small switching power loss Very high switching speed Very high reliability
Electrical Characteristics : (@TA=25C unless otherwise specified)
Characteristic
Reverse Breakdown Voltage (Note 2)
Symbol Min. Typ. Max. Unit
V(BR)R 30 280 500 600 1.0 A pF mV V
Test Conditions
IR=100 A @IF=2.0mA @IF=15mA @ IF=50mA @IF=100mA VR=25V VR=0V, f=1.0MHZ
Forward Voltage (Note 2)
VFM
-
320 450 550 7
Reverse Current (Note 2) Total Capacitance
IRM CT
-
SBT
Silicon-Based Technology Corporation
Tel 886-3-5777897 Fax 886-3-5779832
1F,No.23, R&D Rd.I, Hsinchu Science Park, Taiwan, R.O.C
S BT
SBT107WS Series
Maximum Ratings : (@TA=25C unless otherwise specified)
Characteristic
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @t 10 s Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd R
JA
SBT107WS
Unit
V
30
21 100 750 250 500 -65 to +125
V mA mA mW C/W C
Tj, T STG
Notes: 1. Part mounted on FR4 PC Board with recommended pad layout, which can be found on our website at http://www.sbt.com.tw. 2. No purposefully added lead.
Package Data :
Case: Molded Plastic Material (UL Flammability Classification 94V-0) Terminals: Solderable Plated Terminals (MIL-STD-202, Method 208) Lead Free Plating (Matte Tin Finish) Polarity: See device configurations below Approx. Weight: 0.004 grams. Package outline and dimensions (see below)
S BT
SBT107WS Series
SOD-323
B
C E J D
H
G A
DIMENSIONS (MM) A Min. Max. 2.30 2.70 B 1.60 1.80 C 1.20 1.40 D 1.05 Typical E 0.25 0.35 G 0.20 0.40 H 0.10 0.15 J 0.05 Typical 0 8
Ordering Information (Note 3)
Part Number SBT107WS Marking Code SBTJ7S Packaging Type SOD-323 Shipping 7 Tape & Real 3K
Notes: 3. Website at http://www.sbt.com.tw
4. Bulk package in a box form is also available upon request. 5. Day code marking is YM, in which Y represents year (For example: 2005 is marked by 5); M represents month in a year (For example: March is marked by C; November is marked by K).


▲Up To Search▲   

 
Price & Availability of SBTJ7S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X